PART |
Description |
Maker |
THNCFXXXBAI THNCF096MBA THNCF096MBAI THNCF192MBAI |
Small Form Factor Card The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card. 在THNCFxxxMBA /白系列CF卡是闪存技术,ATA接口的闪存卡的
|
Toshiba Corporation Toshiba, Corp.
|
7P080ATA2003C25 TA2003I25 |
Flash Memory Card(80M位闪速存储器 4M X 16 FLASH 3.3V PROM CARD, 250 ns, XMA68
|
WHITE ELECTRONIC DESIGNS CORP
|
IFM008A |
3/5 Volt Series 100 Flash Memory Miniature Card(3/5V 100系列闪速存储器微型 8M X 8 FLASH 3V PROM CARD, 100 ns, XMA60
|
Intel, Corp.
|
MF82M1-GMCAVXX MF84M1-GMCAVXX MF88M1-GMCAVXX MF816 |
32Mb, 8/16-bit data bus compact flash card 16Mb, 8/16-bit data bus compact flash card 8/16-bit Data Bus Flash Memory Card 20Mb, 8/16-bit data bus compact flash card
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
ID246-SERIES ID246SXX ID246PXX |
Flash Memory Card
|
SHARP
|
ID241 ID243 ID244 |
Flash Memory Card
|
SHARP[Sharp Electrionic Components]
|
315610050260871 |
Compact Flash Memory Card
|
AVX Corporation
|
ID244K01 |
8MB Flash Memory Card
|
SHARP[Sharp Electrionic Components]
|
ID245K01 |
16MB Flash Memory Card
|
SHARP[Sharp Electrionic Components]
|
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
USB2229-NU-02 USB2229-NE-02 USB2230-NE-02 USB2229- |
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs FLASH MEMORY DRIVE CONTROLLER, PQFP128
|
SMSC Corporation SMSC, Corp.
|
IMC016FLSG |
5 V Series 200 Flash Memory Card(5V系列200闪速存储器插卡)
|
Intel Corp.
|